Part Number Hot Search : 
09190 2SK3018 D12N05 STPR16 T1027DCN 2412Z SCBK05F JE270
Product Description
Full Text Search
 

To Download 1N4135 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * 1N4099-1 THRU 1N4135-1 AVAILABLE IN
JAN, JANTX, JANTXV AND
JANS
PER MIL-PRF-19500/435 * LOW CURRENT OPERATION AT 250 A * LOW REVERSE LEAKAGE AND LOW NOISE CHARACTERISTICS * METALLURGICALLY BONDED
1N4099 thru 1N4135 and 1N4099-1 thru 1N4135-1
MAXIMUM RATINGS
Junction and Storage Temperature: -65C to +175C DC Power Dissipation: 500mW @ +50C Power Derating: 4 mW / C above +50C Forward Voltage at 200 mA: 1.1 Volts maximum ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified.
JEDEC TYPE NUMBER NOMINAL ZENER VOLTAGE VZ @ lZT (Note 1) VOLTS 1N4099 1N4100 1N4101 1N4102 1N4103 1N4104 1N4105 1N4106 1N4107 1N4108 1N4109 1N4110 1N4111 1N4112 1N4113 1N4114 1N4115 1N4116 1N4117 1N4118 1N4119 1N4120 1N4121 1N4122 1N4123 1N4124 1N4125 1N4126 1N4127 1N4128 1N4129 1N4130 1N4131 1N4132 1N4133 1N4134 1N4135 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39 43 47 51 56 60 62 68 75 82 87 91 100 ZENER TEST CURRENT IZT MAXIMUM ZENER IMPEDANCE ZZT (Note 2) OHMS 200 200 200 200 200 200 200 200 200 200 100 100 100 100 150 150 150 150 150 150 200 200 200 200 200 250 250 300 300 400 500 700 700 800 1000 1200 1500 MAXIMUM REVERSE LEAKAGE CURRENT lR @ VR MAXIMUM NOISE DENSITY ND @ lZT MAXIMUM ZENER CURRENT lZM mA 56 51 46 44 42 38 35 32 29 27 25 24 22 21 20 19 17 16 15 14 14 13 12 11 9.8 8.9 8.1 7.5 6.7 6.4 6.1 5.6 5.1 4.6 4.4 4.2 3.8
A
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
A
10 10 1.0 1.0 1.0 1.0 .05 .05 .05 .05 .05 .05 .05 .05 .05 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01 .01
VOLTS 5.17 5.70 6.24 6.61 6.92 7.60 8.44 9.12 9.87 10.65 11.40 12.15 12.92 13.67 14.44 15.20 16.72 18.25 19.00 20.46 21.28 22.80 25.08 27.38 29.65 32.65 35.75 38.76 42.60 45.60 47.10 51.68 57.00 62.32 66.12 69.16 76.00
V/
Hz
40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40 40
FIGURE 1
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum at L = .375 inch THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Diode to be operated with the banded (cathode) end positive. MOUNTING POSITION: ANY.
NOTE 1
The JEDEC type numbers shown above have a Zener voltage tolerance of + 5% of the nominal Zener voltage. Vz is measured with the device junction in thermal equilibrium at an ambient temperature of 25C + 3C. A "C" suffix denotes a + 2% tolerance and a "D" suffix denotes a + 1% tolerance. Zener impedance is derived by superimposing on lZT, A 60 Hz rms a.c. current equal to 10% of lZT (25 A a.c.).
NOTE 2
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (978) 689-0803 WEBSITE: http://www.microsemi.com
33
0JL, Junction to Lead Thermal Resistance (C/W)
thru 1N4135 INCLUDING -1 VERSIONS
1N4099
400
300
200
100
0
0.2
0.4
0.6
0.8
1.0
L, lead Length to Heat Sink (INCHES)
FIGURE 2
TYPICAL THERMAL RESISTANCE
1000
500 400 300 200
ZENER IMPEDANCE ZZT (OHMS)
100
50 40 30 20
10
5 4 3 2
1 .1 .2 .5 1 2 5 10 20 50 100
OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT 34


▲Up To Search▲   

 
Price & Availability of 1N4135

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X